PART |
Description |
Maker |
ADL5610 |
30 MH<font style="text-transform: lowercase">z to 6 GH<font style="text-transform: lowercase">z RF/IF Gain Block
|
Analog Devices
|
STE12PS |
A free-form text description of the package type.
|
SiliconTech, Inc.
|
WTS701MM WTS701MM/T WTS701EM WTS701MF WTS701EF WTS |
WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
|
Winbond Electronics
|
APD-222G007 |
222 x 7 Graphics Display with Drive Electronics, up to 37 Characters in Text Mode, Bezel and Filter Included, Wide Viewing Angle, Compact
|
Vishay
|
STW30NF20 STP30NF20 |
Package A free-form text description of the package type
|
ST Microelectronics
|
AD5512A AD5542A |
2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit <em><span style="text-transform: lowercase">nano</span></em>DAC in 16-lead 3 mm × 3 mm LFCSP 2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit <em><span style="text-transform: lowercase">nano</span></em>DAC in 16-lead 3 mm × 3 mm LFCSP & 16-lead TSSOP
|
Analog Devices
|
ADUM6200 ADUM6201 |
Dual-Channel, 5 <span style="text-transform: lowercase">k</span>V Isolators with Integrated DC/DC Converter (2/0 channel directionality) Dual-Channel, 5 kV Isolators with Integrated DC/DC Converter (1/1 channel directionality)
|
Analog Devices
|
ADA4691-2 ADA4691-4 |
Low Power, Wideband, Low Noise, Rail-to-Rail Output, Dual Op Amp Low Power, 3.6 MH<span style="text-transform: lowercase">z</span>, Low Noise, Rail-to-Rail Output, Quad Op Amp
|
Analog Devices
|
AD5624R AD5644R AD5664R |
Quad,12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC? with 5ppm/°C On-Chip Reference Quad, 14-Bit nanoDAC? with 5ppm/°C On-Chip Reference Quad, 16-Bit nanoDAC? with 5ppm/°C On-Chip Reference
|
Analog Devices
|
AD5623R AD5643RBRMZ-3REEL7 AD5663RBRMZ-3REEL7 AD56 |
Dual 12-/14-/16-Bit nanoDAC with 5 ppm/ C On-Chip Reference Dual 12-Bit <span style="text-transform: lowercase"> <em>nano</span></em>DAC? with 5 ppm/°C On-Chip Reference Dual 14-Bit nanoDAC? with 5 ppm/°C On-Chip Reference Dual 16-Bit nanoDAC? with 5 ppm/°C On-Chip Reference
|
Analog Devices
|